Part Number Hot Search : 
SF16G B12N03 CPDU5V0 2SC2389S AN4110 F1020 IRG4BC15 P2A222
Product Description
Full Text Search
 

To Download NA-510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  23 * all specifcations and photos are subject to change without notice. axiomtek.com overview soho series smb series accessories ? 2013 axiomtek co., ltd. all rights reserved. NA-510 1u rackmount network appliance platform with lga1156 socket processor and 8 lans lga1156 socket type of processor as intel ? clarkdale i5-660/ i3-540/ g6960, lynnfeld i7-860/ i5-750 supports eight 10/100/1000mbps ethernet ports (intel ? 82574l/82578dm) supports unbuffer and non-ecc ddr3 memory up to 8gb supports two 2.5" sata hdd or one 3.5" sata hdd for data or proxy supports bios redirected to com port suitable for vpn, frewall and other network security applications ordering information packing list dimensions specifcations features rear view front view system cpu lga1156 socket for intel ? clarkdale i5-660/ i3-540/ g6960, lynnfeld i7-860/ i5-750 processor chipset intel ? q57 memory 2 x ddr3 800/1066/1333 dimm max. up to 8 gb (unbuffered non-ecc) bios award 64 mbit pnp flash bios with function of bios redirected to com port hdd interface 2 x 2.5" sata hdd (default) or 1 x 3.5" sata hdd (optional) network interface 8 x 10/100/1000mbps ethernet (intel ? 82574l, intel ? 82578dm) ssd 1 x compactflash?/dom sata2 type (optional) i/o interface 1 x console (rj type), 2 x usb connector, 8 x rj-45 connector for lan watchdog timer 255 stepping for porting usb 2 x usb 2.0 port on front side, rest are internal pin headers expansion slot 1 x 32bit/33mhz minipci/1 x pcie x8 slot other features lan bypass function through wdt and gpio pin control (2 groups) power supply 270w atx power management capability intel ? amt (active management technology) 6.0 for remote control and diagnosis os compatibility linux red hat 2.4 and 2.6, freebsd mechanical/ environmental form factor 1u rackmount led power, hdd, link/act with transfer rate (rj-45) operating temp. 0 ~ +45c (32f ~ 113f) storage temp. -20c ~ +70c (-4f ~ +158f) humidity 10% ~ 95% rh, non-condensing chassis material steel dimensions 44 mm (1.73") (h) x 430 mm (16.93") (w) x 394.4 mm (15.52") (d) weight (net/gross) 8.2 kg (17.64 lb)/9.8 kg (21.61 lb) certifcation fcc class a/ce class a standard NA-510-r8gi 1u high performance network appliance with lga1156 socket for intel ? clarkdale i5-660/i3-540/ g6960, lynnfeld i7-860/ i5-750 and 8 10/100/1000mbps optional ck9a104 cable kit (p/n: 8816e320010e) ax92101 vga minipci module 59416112100e cable db9 (m) - rj-45, l: 1.5m straight cable * specifcations and certifcations are based on options and may vary. ** recommend ordering optional cable kit with frst order. 1 x power cord 1 x sata cable 1 x utility cd (user's manual and driver) 1 x rj-45 to db9 (f) 1.8m console cable (rc) cross cable introduction the NA-510 is a 1u rackmountable network hardware platform with featuring high performance and high density for vpn, frewall and other network security applications. it supports lga1156 socket for intel ? clarkdale i5-660/ i3-540/ g6960, lynnfeld i7-860/ i5- 750 up to 8gb un-buffer non-ecc ddr3 dimm memory. for storing event log data, the na- 510 utilizes two 2.5" sata hdd or one 3.5" sata hdd; limited support of sata dom as an option. it also supports two groups of lan bypass through wdt and gpio pin defnition without any downtime. amt


▲Up To Search▲   

 
Price & Availability of NA-510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X